PART |
Description |
Maker |
HCPL-253L HCPL-250L-XXXE HCPL-053L HCPL-050L HCPL- |
1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 1 Mbps HCPL-053L · 3.3V Digital Optocoupler Family HCPL-050L · 3.3V Digital Optocoupler Family HCPL-253L · 3.3V Digital Optocoupler Family HCPL-250L · 3.3V Digital Optocoupler Family LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s) LVTTL /LVCMOS兼容3.3伏光耦(1 Mb /秒)
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard) HIROSE ELECTRIC Co., Ltd.
|
ATL35 |
The ATL35 series ASIC family is fabricated on a 0.35 micron CMOS process with up to four levels of metal. This family features arrays with up to 2.7 million routable gates and 976 pins. The high density and high pin count capabilities of t
|
Atmel
|
ADSP-2100A ADSP-2101BG-100 ADSP-2101BG-66 ADSP-211 |
(666.40 k) 666.40十一 ADSP-2100 Family DSP Microcomputers ADSP - 2100系列DSP的微 PC MC 10MBPS UTP/BNC TRANS PNP 80VCEO .5A TO-92L PowerBlade Electricians Knife ADSP-2100 Family DSP Microcomputers ADSP-2100 Family DSP Microcomputers
|
ANALOG DEVICES INC TE Connectivity, Ltd. Analog Devices, Inc. http://
|
MC68HC11E0VB2 MC68711E20CFNE2 MC68HC11E0CFN2 MC68H |
HC11 Microcontrollers M68HC11E Family Data Sheet M68HC11E Family Date Sheet
|
Freescale Semiconductor, Inc Freescale Semiconductor...
|
175T48 GS175T48-5E GS120 GS120T48-3.3 GS120T48-3.3 |
128 x 128 pixel format, LED or EL Backlight available 120W/175W的DC - DC转换器家 120W/175W DC-DC CONVERTERS FAMILY 120W/175WDC - DC转换器家 120W/175W DC-DC CONVERTERS FAMILY 120W/175W的DC - DC转换器家 120 W / 175 W DC-DC CONVERTERS FAMILY
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
LFEC15E-4F256C LFEC15E-4F256I LFEC15E-4F484C LFEC1 |
LatticeEC family of FPGA. LatticeECP family of FPGA.
|
Lattice Semiconductor
|
HD40A46812 HD40A4688 HD40A4689 HD4074889 HD407A468 |
H46XX Family Microcomputers H48XX Family Microcomputers
|
Hitachi Semiconductor
|
E28F004BVT80 E28F004BVB80 E28F004BVT60 E28F004BVT1 |
4-MBIT (256K X 16/ 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT (256K X 16. 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY Dual-Slot, PCMCIA Analog Power Controller Evaluation Kit for the MAX5943A/B/C/D/E 4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 256K X 16 FLASH 5V PROM, PDSO48 4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 256K X 16 FLASH 5V PROM, PDSO56
|
Intel Corporation Intel Corp. Intel, Corp.
|
ADSP-21062LKB-160 ADSP-21062KB-160 ADSP-21062CS-16 |
ADSP-2106x SHARC DSP Microcomputer Family Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADSP-2106x SHARC DSP Microcomputer Family 48-BIT, 33.33 MHz, OTHER DSP, PQFP240
|
Analog Devices, Inc.
|
E28F004SC-85 28F008SC 28F016SC G28F008SC-150 G28F0 |
BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4/ 8/ AND 16 MBIT BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4 / 8 / AND 16 MBIT 8-MBIT SmartVoltage FlashFile Memory(8M位智能电压闪速存储器) 16-MBIT SmartVoltage FlashFile Memory(16M位智能电压闪速存储器) BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 512K X 8 FLASH 3.3V PROM, 85 ns, PDSO44 BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 字节宽SmartVoltage FlashFile Memory系列486兆比 BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 512K X 8 FLASH 3.3V PROM, 120 ns, PDSO44 BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 512K X 8 FLASH 3.3V PROM, 100 ns, PDSO44 BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 2M X 8 FLASH 3.3V PROM, 120 ns, PDSO44
|
Intel Corporation Intel Corp. Intel, Corp.
|
MPC860UM MPC860UMAD |
Errata to the MPC860 PowerQUICC Family User’s Manual, Rev. 2 Errata to the MPC860 PowerQUICC⑩ Family User’s Manual, Rev. 2 Errata to the MPC860 PowerQUICC Family Users Manual Rev. 2 Errata to the MPC860 PowerQUICC Family Users Manual, Rev. 2 Errata to the MPC860 PowerQUICCFamily UserManual, Rev. 2
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc]
|